PART |
Description |
Maker |
MAX630CPA MAX630MSA/PR MAX630MSA/PR-T MAX630MSA_PR |
CMOS Micropower Step-Up Switching Regulator
|
Maxim Integrated Products
|
SS4913KSOT SS4913LSOT SS4913ESOT |
CMOS Omnipolar High Sensitivity Micropower Hall Switch
|
SEC Electronics Inc.
|
SS239ESOT SS239EUA SS239LSOT SS239KSOT SS239KUA |
CMOS Omnipolar High Sensitivity Micropower Hall Switch
|
SEC Electronics Inc.
|
SS3413 SS3413ESOT SS3413ESTT |
CMOS Omnipolar High Sensitivity Micropower Hall Switch
|
SEC Electronics Inc.
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
LT1615-1 |
Micropower Step-Up DC/DC Converters in SOT-23(微功耗步DC/DC变换器(SOT-23封装 微功耗升压型DC / DC转换器采用SOT - 23(微功耗步升直直流变换器(采用SOT - 23封装)) Micropower Step-Up DC/DC Converters in SOT-23(寰???????C/DC??????SOT-23灏??锛?
|
Linear Technology, Corp. Linear Technology Corporation
|
SS3212ESOT SS3212EUA SS3212KUA SS3212LSOT SS3212KS |
CMOS Omnipolar High Sensitivity Micropower Hall Switch
|
SEC Electronics Inc.
|
MAX630 MAX4193 MAX4193CJA MAX4193CPA MAX4193CSA MA |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.525 A SWITCHING REGULATOR, 75 kHz SWITCHING FREQ-MAX, PDIP8 XO 98.304MHZ 50PPM 5V 50PF-LOAD SMD-7050 TR-7-PL CMOS Micropower Step-UP Switching Regulator
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
BZG03_3 BZG03-C20T/R BZG03-C91/T3 BZG03-C91T/R BZG |
36 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 240 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 24 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 47 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 10 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 180 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 110 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: QSOP; No of Pins: 24; Temperature Range: Industrial 120 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: None Available; No of Pins: 24; Temperature Range: Industrial 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 11 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 16 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 18 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 1 Amp Synchronous, Step-Down DC-to-DC Converter; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: Industrial 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 270 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 91 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 From old datasheet system
|
NXP Semiconductors N.V.
|
LO3308-470-RM LO3308-331-RM LO3308-330-RM LO330808 |
10.0mV Dual Micropower Rail-to-Rail CMOS Operational Amplifier, 8L PDIP 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR, SMD 5.0mV Dual Micropower Rail-to-Rail CMOS Operational Amplifier, 8L CDIP 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR, SMD Dual Precision High Speed Micropower CMOS Timer, 14L SOIC
|
http:// ICE Components, Inc. ice Components, Ins. ICE COMPONENTS INC
|
TS393IPT TS393MP TS393ID TS393CN TS393CD TS393MPT |
MICROPOWER DUAL CMOS VOLTAGE COMPARATOR MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
|